PART |
Description |
Maker |
5200F 5200F7 5200F1 5200F5 |
Series Panel Mounted LED Indicator Light
|
CML[Chicago Miniature Lamp,inc]
|
E235X E2251T E225X |
Series PAL Format Electronic Television Modulators
|
Sharp Electrionic Component... Sharp Corporation SHARP[Sharp Electrionic Components]
|
19080357 19080355 19080350 1909035W |
LED INDICATOR 24VDC BLUE BRIGHT LED指示4Vdc的蓝色光 LED INDICATOR 24VDC GREEN BRIGHT LED指示4Vdc的绿色光 LED INDICATOR 24VDC RED BRIGHT LED指示4Vdc的红光亮 LED INDICATOR 24VDC WHIT BRIGHT LED指示4Vdc的白衣光
|
Chicago Miniature Lighting, LLC
|
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
LN229RP LN229RPLNG229RDR LN329GPLNG329GDG |
Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs Square Type 5.0 mm × 1.5 mm Series
|
Matsshita / Panasonic
|
LN01301CQ-L LNG301C2G LN01401CQ-L LN01201CQ-L LNG4 |
Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs Small Type Minibright LED Series
|
Matsshita / Panasonic
|
LN422YPX LN222RPX LN322GPX LNG422YKX |
Round?Top View Type ∮2.0 mm Series Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs
|
Matsshita / Panasonic
|
LN450YPH LN250RPH LN450YPHLNG450YFX LN350GPHLNG350 |
Square Type 5.0 mm × 5.0 mm Series From old datasheet system Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs
|
Matsshita / Panasonic
|
LNM876KA01 LNM476KA01 LNM476AA01 LNM476AA01LN506YA |
Numeric Display 14.4 mm (.6”) Series Opto-Electronic Device - Visible Light Emitting Diodes - Numerical Display Devices
|
Matsshita / Panasonic
|
HGT1S7N60A4DS HGTP7N60A4D HGTG7N60A4D FN4827 |
AML42 Series, Solid State Indicator, Square, Compact Style, Lighted, 1 LED, Snap in panel mount 34 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|